Part Number Hot Search : 
EN3949E L3208AC AN124 ST80500 EL8100 1SM5942B CM542 5962F
Product Description
Full Text Search
 

To Download F931A475MAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93
Resin-molded Chip, Standard Series
Specifications
Item Category Temperature Range Capacitance Tolerance Dissipation Factor (120Hz) ESR (100kHz) Performance Characteristics --55 ~ +125C (Rated temperature : +85C) 20%, 10% (at 120Hz) Refer to next page Refer to next page * After 1 minute's application of rated voltage, leakage current at 20C is not more than 0.01CV or 0.5A, whichever is greater. * After 1 minute's application of rated voltage, leakage current at 85C is not more than 0.1CV or 5A, whichever is greater. * After 1 minute's application of derated voltage, leakage current at 125C is not more than 0.125CV or 6.3A, whichever is greater. +15% Max. (at +125C) +10% Max. (at +85C) --10% Max. (at --55C) At 40C 90 ~ 95% R.H. 500 hours Capacitance Change Within 10% of initial value Dissipation Factor......Initial specified value or less Leakage Current........Initial specified value or less --55C / +125C 30 minutes each 5 cycles Capacitance Change Within 5% of initial value Dissipation Factor......Initial specified value or less Leakage Current........Initial specified value or less Test condition: 10 seconds reflow at 260C , 5 seconds immersion at 260C Capacitance Change Within 5% of initial value Dissipation Factor......Initial specified value or less Leakage Current........Initial specified value or less
After application of surge voltage in series with a 33 resistor at the rate of 30 seconds ON, seconds OFF, for 1000 sucessive test cycles at 85C, capacitors meet the characteristics requirements listed below. Capacitance Change....Within 5% of initial value Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less After 2000 hours' application of rated voltage in series with a 3 resistor at 85C, or derated voltage in series with a 3 resistor at 125C, capacitors meet the characteristic requirements listed below. Capacitance Change......Within 10% of initial value Dissipation Factor..........Initial specified value or less Leakage Current............Initial specified value or less
Adapted to the RoHS directive (2002/95/EC).
Leakage Current
Capacitance Change by Temperature Damp Heat (No voltage applied)
Type numbering system (Example: 10V 10F)
1 2 3 4 5 6 7 8 9 10 1 1
Taping code (Refer to page 267 for details) Case code Capacitance tolerance Rated Capacitance Rated voltage Series
F93
1A 106 MA
Temperature Cycles
Resistance to Soldering Heat
Drawing
A * B Case
L W1 L
C * N Case
Surge
W1
H
H
Endurance
W2 S S W2 S S
Dimensions
Case code A B C N 3.2 3.5 6.0 7.3 L 0.2 0.2 0.2 0.2 W1 1.6 0.2 2.8 0.2 3.2 0.2 4.3 0.2 W2 1.2 0.1 2.2 0.1 2.2 0.1 2.4 0.1 H 1.6 0.2 1.9 0.2 2.5 0.2 2.8 0.2
(mm)
Shear Test
S 0.8 0.2 0.8 0.2 1.3 0.2 1.3 0.2 Terminal Strength
After applying the pressure load of 5N for 101 seconds horizontally to the center of capacitor side body which has no electrode and has been soldered beforehand on an aluminum substrate, 5N (0.51kg f) neigher exfoliation not its sign shall be For 101seconds found at the terminal electrode. Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at both of the opposite bottom points 45mm apart from the center of the capacitor, the pressure load is applied with a specified jig at the 20 R230 center of the substrate so that the substrate may bend by 1mm as illustrated. Then, there shall be found no remarkable abnormality on the 45 45 capacitor terminals.
1mm
Marking
A Case
C685
B Case
22 16V
C Case
47 16V
N Case
100 16V
As for the surge and derated voltage at 125C, refer to page 266 for details.
(Rated voltage code)
2.5V 4V 6.3V 10V 16V e G J A C 20V 25V 35V
(Capacitance code)
D E V
Rated voltage (V)
Capacitance (F)
Rated voltage (V)
Standard ratings
Cap. (F)
V Code
2.5 0E
4 0G
6.3 0J
10 1A
16 1C
20 1D
25 1E A A A A A*B A*B C (B) * C C C *N N N
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680
474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687
A A A A A A A A A
* * * * *
A A A A A B B B B B A A A A
* * * *
A A A A B B B B A*B A*B A*B A*B*C (A) * B * C (B) * C * N C*N C*N N N
A A A A A A*B A*B A*B A*B*C B*C C*N N (C) * N (N)
A A A A A*B A*B A*B C (B) * C C*N N (N)
35 1V A A A A A*B B (B) * C C C N N
A A B B (A) * B (B) * C C*N
B (A) * B * C C*N N N
A *B * C (A) * B * C B*C (B) * C * N N N
( ) The series in parentheses are being developed. Please contact to your local Nichicon sales office when these series are being designed in your application.
CAT.8100V
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93 ratings Standard
Rated Rated Volt Capacitance (F) Case code Part Number Leakage Current (A) Disspation *1 ESR Factor C/C (%@120Hz) (@100kHz) (%) Rated Rated Volt Capacitance (F) Case code Part Number Leakage Current (A) Disspation *1 ESR Factor C/C (%@120Hz) (@100kHz) (%)
2.5V
4V
6.3V
10V
47 68 100 150 220 330 470 470 4.7 6.8 10 15 22 22 33 33 47 47 68 68 100 100 150 220 220 330 330 470 680 2.2 3.3 4.7 6.8 10 15 15 22 22 33 33 47 47 68 68 68 100 100 150 150 220 220 330 470 2.2 3.3 4.7 6.8 10 10 15 15 22 22 33 33 33 47 47 68 68 100 100 150 150 220 330
A A B B B C C N A A A A A B A B A B A B A B B B C C N N N A A A A A A B A B A B A B A B C B C B C C N N N A A A A A B A B A B A B C B C C N C N C N N N
F930E476MAA F930E686MAA F930E107MBA F930E157MBA F930E227MBA F930E337MCC F930E477MCC F930E477MNC F930G475MAA F930G685MAA F930G106MAA F930G156MAA F930G226MAA F930G226MBA F930G336MAA F930G336MBA F930G476MAA F930G476MBA F930G686MAA F930G686MBA F930G107MAA F930G107MBA F930G157MBA F930G227MBA F930G227MCC F930G337MCC F930G337MNC F930G477MNC F930G687MNC F930J225MAA F930J335MAA F930J475MAA F930J685MAA F930J106MAA F930J156MAA F930J156MBA F930J226MAA F930J226MBA F930J336MAA F930J336MBA F930J476MAA F930J476MBA F930J686MAA F930J686MBA F930J686MCC F930J107MBA F930J107MCC F930J157MBA F930J157MCC F930J227MCC F930J227MNC F930J337MNC F930J477MNC F931A225MAA F931A335MAA F931A475MAA F931A685MAA F931A106MAA F931A106MBA F931A156MAA F931A156MBA F931A226MAA F931A226MBA F931A336MAA F931A336MBA F931A336MCC F931A476MBA F931A476MCC F931A686MCC F931A686MNC F931A107MCC F931A107MNC F931A157MCC F931A157MNC F931A227MNC F931A337MNC
1.2 1.7 2.5 3.8 5.5 8.3 11.8 11.8 0.5 0.5 0.5 0.6 0.9 0.9 1.3 1.3 1.9 1.9 2.7 2.7 4.0 4.0 6.0 8.8 8.8 13.2 13.2 18.8 27.2 0.5 0.5 0.5 0.5 0.6 0.9 0.9 1.4 1.4 2.1 2.1 3.0 3.0 4.3 4.3 4.3 6.3 6.3 9.5 9.5 13.9 13.9 20.8 29.6 0.5 0.5 0.5 0.7 1.0 1.0 1.5 1.5 2.2 2.2 3.3 3.3 3.3 4.7 4.7 6.8 6.8 10.0 10.0 15.0 15.0 22.0 33.0
12 18 14 14 18 16 18 12 6 6 6 6 8 6 8 6 18 8 24 8 30 14 16 18 12 14 10 16 18 6 6 6 6 6 8 6 8 6 8 8 18 8 20 8 8 14 10 18 12 14 10 14 16 6 6 6 6 6 6 8 6 12 8 18 8 6 8 8 8 6 10 10 14 10 12 18
2.5 2.5 0.9 0.7 0.7 0.7 0.5 0.3 4.0 3.5 3.0 2.9 2.5 1.9 2.5 1.4 2.5 1.0 2.5 0.8 2.0 0.9 0.7 0.7 0.7 0.7 0.5 0.3 0.3 5.0 4.5 4.0 3.5 3.0 2.9 2.0 2.5 1.9 2.5 1.4 2.5 1.0 2.0 1.0 0.8 0.9 0.7 0.9 0.7 0.7 0.5 0.5 0.3 5.0 4.5 4.0 3.5 3.0 2.1 2.9 2.0 2.5 1.9 2.5 1.4 1.1 1.0 0.9 0.8 0.6 0.7 0.6 0.7 0.6 0.5 0.5

16V
20V
25V
35V
1 1.5 2.2 3.3 4.7 6.8 6.8 10 10 15 15 22 22 22 33 33 47 47 68 100 1 1.5 2.2 3.3 4.7 4.7 6.8 6.8 10 10 15 22 33 33 47 0.68 1 1.5 2.2 3.3 3.3 4.7 4.7 6.8 10 15 22 22 33 47 0.47 0.68 1 1.5 2.2 2.2 3.3 4.7 6.8 10 15 22
A A A A A A B A B A B A B C B C C N N N A A A A A B A B A B C C C N N A A A A A B A B C C C C N N N A A A A A B B C C C N N
F931C105MAA F931C155MAA F931C225MAA F931C335MAA F931C475MAA F931C685MAA F931C685MBA F931C106MAA F931C106MBA F931C156MAA F931C156MBA F931C226MAA F931C226MBA F931C226MCC F931C336MBA F931C336MCC F931C476MCC F931C476MNC F931C686MNC F931C107MNC F931D105MAA F931D155MAA F931D225MAA F931D335MAA F931D475MAA F931D475MBA F931D685MAA F931D685MBA F931D106MAA F931D106MBA F931D156MCC F931D226MCC F931D336MCC F931D336MNC F931D476MNC F931E684MAA F931E105MAA F931E155MAA F931E225MAA F931E335MAA F931E335MBA F931E475MAA F931E475MBA F931E685MCC F931E106MCC F931E156MCC F931E226MCC F931E226MNC F931E336MNC F931E476MNC F931V474MAA F931V684MAA F931V105MAA F931V155MAA F931V225MAA F931V225MBA F931V335MBA F931V475MCC F931V685MCC F931V106MCC F931V156MNC F931V226MNC
0.5 0.5 0.5 0.5 0.8 1.1 1.1 1.6 1.6 2.4 2.4 3.5 3.5 3.5 5.3 5.3 7.5 7.5 10.9 16.0 0.5 0.5 0.5 0.7 0.9 0.9 1.4 1.4 2.0 2.0 3.0 4.4 6.6 6.6 9.4 0.5 0.5 0.5 0.6 0.8 0.8 1.2 1.2 1.7 2.5 3.8 5.5 5.5 8.3 11.8 0.5 0.5 0.5 0.5 0.8 0.8 1.2 1.6 2.4 3.5 5.3 7.7
4 6 6 6 6 6 6 6 6 10 8 15 8 6 8 8 8 6 8 10 4 6 6 6 6 6 6 6 8 6 6 8 8 6 8 4 4 6 6 6 6 8 6 6 6 8 8 6 8 8 4 4 4 6 6 6 6 6 6 6 6 8
7.5 6.0 5.0 4.5 4.0 3.5 2.5 3.0 2.0 3.0 2.0 3.0 1.9 1.1 1.9 1.1 0.9 0.7 0.6 0.6 7.5 6.3 5.0 4.5 4.0 2.8 3.5 2.5 3.5 2.1 1.2 1.1 1.1 0.7 0.7 7.6 7.5 6.7 6.3 6.0 3.1 4.0 2.8 1.8 1.5 1.2 1.1 0.7 0.7 0.7 10.0 7.6 7.5 7.5 7.0 3.8 3.5 1.8 1.8 1.6 0.7 0.7
15
In case of capacitance tolerance 10% type, K will be put at 9th digit of type numbering system. *1 : C/C
Item Damp Heat Tempereature cycles Resistance soldering heat Surge Endurance
A * B * C * N Case (%) 10 5 5 5 10
CAT.8100V


▲Up To Search▲   

 
Price & Availability of F931A475MAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X